Part Number Hot Search : 
A8732 ADP1883 HC373 FE3A07 B1366 UT54AC A8732 K0355
Product Description
Full Text Search
 

To Download L2SA1577RT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. general purpose transistors pnp silicon device marking l2sa1577pt1g =hp l2sa1577qt1g=hq L2SA1577RT1G =hr h fe values are classified as follows: hfe 82~270 120~270 180~390 1 3 2 sc-70/sot? 323 2 emitter 3 collector 1 base * l2sa1577qt1g series ordering information device package shipping l2sa1577qt1g series 3000/tape & reel sc-70 10000/tape & reel l2sa1577qt3g series sc-70 we declare that the material of product compliance with rohs requirements.  absolute maximum ratings (ta = 25  c)   p q r  electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min typ max unit collector?emitter breakdown voltage v (br)ceo ? 32 ? ? v (i c = ?1 ma) emitter?base breakdown voltage v (br)ebo ? 5 ? ? v (i e a) collector?base breakdown voltage v (br)cbo ? 40 ? ? v (i c = ? 100 a) collector cutoff current i cbo ? ? ? 1 a (v cb = ? 20 v) emitter cutoff current i ebo ? ? ? 1 a (v eb = ? 4 v) collector-emitter saturation voltage v ce(sat) ? ? -0.4 v (i c /i b = ? 100 ma / ? 10m a) dc current transfer ratio h fe 82 ?? 390 ?? (v ce = ? 3 v, i c = ?10ma) transition frequency f t ? 200 ?? mhz (v ce = ? 5 v, i e = 20ma, f=100mhz ) output capacitance c ob ? 7.0 ? pf (v cb = ? 10 v, i e = 0a, f =1mhz )  = ? 100  rev.o 1/3
leshan radio company, ltd. electrical characteristic curves  l2sa1577qt1g series rev.o 2/3
sc - 70/sot - 323 leshan radio company, ltd. l2sa1577qt1g series a a2 d e1 b e e a1 c l 3 12 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 0.05 (0.002) 1.9 0.075 0.65 0.025 0.65 0.025 0.9 0.035 0.7 0.028  mm inches  scale 10:1 xx m xx = specific device code m = date code  = pb?free package generic marking diagram *this information is generic. please refer to device data sheet for actual part marking. pb?free indicator, ago or microdot a  o, may or may not be present. 1 soldering footprint* h e dim a min nom max min millimeters 0.80 0.90 1.00 0.032 inches a1 0.00 0.05 0.10 0.000 a2 0.7 ref b 0.30 0.35 0.40 0.012 c 0.10 0.18 0.25 0.004 d 1.80 2.10 2.20 0.071 e 1.15 1.24 1.35 0.045 e 1.20 1.30 1.40 0.047 0.035 0.040 0.002 0.004 0.014 0.016 0.007 0.010 0.083 0.087 0.049 0.053 0.051 0.055 nom max l 2.00 2.10 2.40 0.079 0.083 0.095 h e e1 0.65 bsc 0.425 ref 0.028 ref 0.026 bsc 0.017 ref rev.o 3/3


▲Up To Search▲   

 
Price & Availability of L2SA1577RT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X